Part Number Hot Search : 
AS3665 C1602 2S033 2SK2715 1414A SE095 ADL5565 1608X7
Product Description
Full Text Search
 

To Download LTC-5653G-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  9-152  
 
   lts-5x01a/5x03a ltd-5x21a/5x23a series ltc-5653x-01/5753x-01 package dimensions a.lts-5x01a/5x03a b.ltd-5x21a/5x23a features 0.56 inch (14.22mm) digit height continuous uniform segments. low power requirement. excellent characters appearance. high brightness & high contrast. wide viewing angle. solid state reliability. categorized for luminous intensity. i.c. compatiable. easy mounting on p.c. board or socket. description the lts-5000a/ltd-5000a/ltc-5x53x-01 is a 0.56 inch (14.22mm) height 7-segment single, dual and quadruple displays. algaas red displays have gray face and white segments. the lts-5000a/ltd-5000a bright red, yellow and red orange displays have gray face and white segments, and green displays have gray face and green segments. the ltc-5x53x-01 displays have gray face and white segments. the algaas red 7-seven segment displys are designed for applications requiring low power consumption. they are tested and selected for the excellent low current characteristics to ensure that the segments are matched at low current. drive current as low as 1 ma per segment is available. the algaas red series devices utilize led chips which are made from algaas on a non-transparent gaas substrate. the bright red and green series devices utilize led chips which are made from gap on a transparent gapsubstrate. the yellow and red orange series devices utilize led chips which are made from gaasp on a transparent gap substrate. 14-5x01a.p65 2000/7/11, uJ 06:54 page 152 adobe pagemaker 6.5c/win
9-153  c.ltc-5653/5753 notes:all dimensions are in millimeters (inches). tolerance: 0.25mm (0.01") unless otherwise noted. devices part no. ltc- description package dimension internal circuit diagram green red orange ltc-5653wc-01 ltc-5753wc-01 5653g-01 5753g-01 5653e-01 5753e-01 common anode multiplex common cathode multiplex c c e f algaas red part no. description package dimension internal circuit diagram bright red green yellow red orange lts-5001awc lts-5003awc ltd-5021awc ltd-5023awc 5301ap 5303ap 5321ap 5323ap 5601ag 5603ag 5621ag 5623ag 5701ay 5703ay 5721ay 5723ay 5501ae 5503ae 5521ae 5523ae common anode, rt. hand decimal common cathode, rt. hand decimal common anode, rt. hand decimal common cathode, rt. hand decimal a a b b a b c d algaas red pin connection pin no. connection a.lts-5x01a 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. 15. 16. 17. 18. b.lts-5x03a c.ltd-5x21a d.ltd-5x23a cathode e cathode d common anode *1 cathode c cathode d.p. cathode b cathode a common anode *1 cathode f cathode g - - - - - - - - anode e anode d common cathode *1 anode c anode d.p. anode b anode a common cathode *1 anode f anode g - - - - - - - - cathode e (digit 1) cathode d (digit 1) cathode c (digit 1) cathode d.p. (digit 1) cathode e (digit 2) cathode d (digit 2) cathode g (digit 2) cathode c (digit 2) cathode d.p. (digit 2) cathode b (digit 2) cathode a (digit 2) cathode f (digit 2) cathode anode (digit 2) cathode anode (digit 1) cathode b (digit 1) cathode a (digit 1) cathode g (digit 1) cathode f (digit 1) anode e (digit 1) anode d (digit 1) anode c (digit 1) anode d.p. (digit 1) anode e (digit 2) anode d (digit 2) anode g (digit 2) anode c (digit 2) anode d.p. (digit 2) anode b (digit 2) anode a (digit 2) anode f (digit 2) common cathode (digit 2) common cathode (digit 1) anode b (digit 1) anode a (digit 1) anode g (digit 1) anode f (digit 1) yellow 5653y-01 5753y-01 bright red 5653p-01 5753p-01 14-5x01a.p65 2000/7/11, uJ 06:54 page 153 adobe pagemaker 6.5c/win
9-154 pin no. connection e.ltc-5653x-01 f.ltc-5753x-01 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. cathode e cathode d cathode d.p. cathode c cathode g common anode (digit 4) cathode b common anode (digit 3) common anode (digit 2) cathode f cathode a common anode (digit 1) anode e anode d anode d.p. anode c anode g common cathode (digit 4) anode b common cathode (digit 3) common cathode (digit 2) anode f anode a common cathode (digit 1) internal circuit diagrams a.lts-5x01a b.lts-5x03a c.ltd-5x21a d.ltd-5x23a e.ltc-5653x-01 f.ltc-5753x-01 absolute maximum rating at ta=25 unit power dissipation per segment peak forward current per segment (1/10 duty cycle, 0.1ms pulse width) continuous forward current per segment derating linear from 25 per segment reverse voltage per segment operating temperature range stroage temperature range solder temperature 1/16 inch below seating plane for 3 seconds at 260 mw ma ma ma/ v -35 to +85 -35 to +85 parameter algaas red bright red green yellow red orange 75 125 30 0.4 5 40 60 15 0.2 5 75 100 25 0.33 5 60 80 20 0.27 5 75 100 25 0.33 5
9-155  electrical/optical characteristics at ta=25 lts-5001awc/5003awc/ltd-5021awc/5023awc/ltc-5653awc/5753awc parameter symbol min. typ. max. unit tset condition average luminous intensity peak emission wavelength spectral line half-width dominant wavelength forward voltage, per segment reverse current, per segment luminous intensity matching ratio i v p d v f i r i v -m 320 700 3750 660 35 638 1.6 1.7 1.8 2.4 100 2:1 cd nm nm nm v a i f =1ma i f =5ma i f =20ma i f =20ma i f =20ma i f =1ma i f =5ma i f =20ma v r =5v i f =1ma lts-5301ap/5303ap/ltd-5321ap/5323ap/ltc-5653p-01/5753p-01 parameter symbol min. typ. max. unit tset condition average luminous intensity peak emission wavelength spectral line half-width dominant wavelength forward voltage, per segment or d.p. reverse current, per segment or d.p. luminous intensity matching ratio i v p d v f i r i v -m 320 950 697 90 657 2.1 2.6 100 2:1 cd nm nm nm v a i f =10ma i f =20ma i f =20ma i f =20ma i f =20ma v r =5v i f =10ma parameter symbol min. typ. max. unit tset condition average luminous intensity peak emission wavelength spectral line half-width dominant wavelength forward voltage, per segment or d.p. reverse current, per segment or d.p. luminous intensity matching ratio i v p d v f i r i v -m 800 2400 565 30 569 2.1 2.6 100 2:1 cd nm nm nm v a i f =10ma i f =20ma i f =20ma i f =20ma i f =20ma v r =5v i f =10ma lts-5501ae/5503ae/ltd-5521ae/5523ae/ltc-5653e-01/5753e-01 parameter symbol min. typ. max. unit tset condition average luminous intensity peak emission wavelength spectral line half-width dominant wavelength forward voltage, per segment or d.p. reverse current, per segment or d.p. luminous intensity matching ratio i v p d v f i r i v -m 800 2400 630 40 621 2.0 2.6 100 2:1 cd nm nm nm v a i f =10ma i f =20ma i f =20ma i f =20ma i f =20ma v r =5v i f =10ma lts-5601ag/5603ag/ltd-5621ag/5623ag/LTC-5653G-01/5753g-01 14-5x01a.p65 2000/7/11, uJ 06:55 page 155 adobe pagemaker 6.5c/win
9-156 typical electrical/optical characteristic curves (25 ambient temperature unless otherwise noted) lts-5701ay/5703ay/ltd-5721ay/5723ay/ltc-5653y-01/5753y-01 parameter symbol min. typ. max. unit tset condition average luminous intensity peak emission wavelength spectral line half-width dominant wavelength forward voltage, per segment or d.p. reverse current, per segment or d.p. luminous intensity matching ratio i v p d v f i r i v -m 800 2400 585 35 588 2.1 2.6 100 2:1 cd nm nm nm v a i f =10ma i f =20ma i f =20ma i f =20ma i f =20ma v r =5v i f =10ma note: luminous intensity is measured with a light sensor and filter combination that appoximates the cie (commision internationale de l'eclairage)eye-response curve. 14-5x01a.p65 2000/7/11, uJ 06:55 page 156 adobe pagemaker 6.5c/win


▲Up To Search▲   

 
Price & Availability of LTC-5653G-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X